Part Number Hot Search : 
HER3001 TDA1412 PC592H2 BA2903KN M300D DTT6X01 263375 1M063
Product Description
Full Text Search
 

To Download PBMPLS-12I Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INVERTERS
PBMPLS Series
5 0 0 - 7 0 0 0 W AT T S D C / A C I N V E R T E R
Features
* * * * * * True sinewave waveform. Massive inrush and overload capability. Galvanically isolated. High efficiency toroidal transformer. DC circuit breaker/ BATT isolator switch Wall mounted design.
Specifications
INPUT
Voltage Voltage range 12, 24, 48 (Standard).36, 72, 96, 120 (Also available). -20% to +45% of nominal.
STANDARDS AND APPROVALS
Safety standards C-tick EMC standards AS3100, AS3000 AS/NZS CISPR14, AS/NZS 1044 AS2279, EN55014
OUTPUT
Voltage Frequency Output waveform Power factor correction Crest factor Load start sensitivity DC to AC isolation Over-load protection Over-temperature protection Short circuit protection BATT under and over voltage protection LED status indicators 230Vac 4% (Standard). 110Vac 4% (Option). 50/60Hz 0.1 True sinewave < 4% THD. All conditions. >4 0-20W 3500V Yes. Yes.
ENVIRONMENTAL
Temperature Range -10C to 50C, derate above 40C by 10%
Options
CODE
D G R K KX
ADD OPTION TO THE END OF INVERTER PART NUMBER
RCD fitted in place of hardware junction box of AC output. MIL spec conformal coating applied to final assembly. Ruggedisation for high vibration environment. Automatic transfer switch 25Amp for 1000W to 1800W. Automatic transfer switch with ON delay timer and voltage sensing module. 40Amps for 2000W to 4000W and 65Amp for 5000W to 7000W models. AC output voltage e.g. 100-120Vac. Frequency 60Hz "AC OK" alarm relay contact Twin switched GPO (available only on 1000W to 5000W models). Twin switched RCD GPO (available only on 1000W to 5000W models).
Yes. Yes. ON, standby mode, over-temperature, over-load, BATT under voltage, BATT over-voltage. V H L C Single power outlet (500-600W models). Single power outlet & screw terminal junction box (1000-1800W models). Screw terminal junction box (2000-7000W models). Heavy duty low loss battery leads. 500-600W: 260x160x100mm. 1000-1800W: 330x296x150mm. 2000-3500W: 370x386x180mm. 4000-7000W: 475x458x187mm. Thermostatically controlled 2-speed fan. D
OPERATING
AC Outlet
Battery Leads Dimensions
Cooling
450
INVERTERS
PBMPLS Series
5 0 0 - 7 0 0 0 W AT T S D C / A C I N V E R T E R
Selection Table
MODEL NUMBER
PBMPLS-12U PBMPLS-24X PBMPLS-48X PBMPLS-12W PBMPLS-24V PBMPLS-48V PBMPLS-12V PBMPLS-24I PBMPLS-48I PBMPLS-12I PBMPLS-24IA PBMPLS-48IA PBMPLS-24Z PBMPLS-48Z PBMPLS-24ZA PBMPLS-48ZC PBMPLS-48ZH
DC INPUT
12V 24V 48V 12V 24V 48V 12V 24V 48V 12V 24V 48V 24V 48V 24V 48V 48V
INPUT RANGE
10.5-17V 21-34V 42-68V 10.5-17V 21-34V 42-68V 10.5-17V 21-34V 42-68V 10.5-17V 21-34V 42-68V 21-34V 42-68V 21-34V 42-68V 42-68V
CONT. RATING
500W 600W 600W 1000W 1200W 1200W 1500W 1800W 1800W 2000W 2300W 2500W 3000W 3500W 4000W 5000W 7000W
1/2 HOUR RATING
550W 750W 750W 1150W 1600W 1600W 1600W 2200W 2200W 2200W 2800W 3000W 3700W 4100W 4500W 6000W 8500W
SURGE 5 SEC PEAK EFF%
1500W 2000W 2000W 3000W 3600W 3600W 4500W 5400W 5400W 6000W 7000W 7500W 9000W 10500W 12000W 15000W 20000W 90% 92% 93% 91% 92% 94% 91% 94% 94% 90% 94% 94% 93% 94% 94% 95% 95%
WEIGHT
5.5KG 5.5KG 5.5KG 11KG 11KG 11KG 14KG 14KG 14KG 22KG 22KG 22KG 24KG 24KG 30KG 30KG 34KG
Your dependable power partner - www.powerbox.com.au
451


▲Up To Search▲   

 
Price & Availability of PBMPLS-12I

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X